Part Number Hot Search : 
216200 D150M CA2813B SKIIP KA7805E 69200 MHR66TF 2N5108
Product Description
Full Text Search
 

To Download HM75-102R2LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  6 6-149 model hm75 series model hm75 series high current surface mount inductors inductance range: 0.33 to 100h rated current: up to 19 amps new product features and benefits ? high performance, high current rating ? low pro?e, small footprint designed for machine placement ? compatible with vapor phase and infrared re?w soldering ? self-leaded design, excellent for high current applications electrical / environmental operating temperature range -40? to +125? storage temperature range -40? to +85? ambient temperature, maximum 85? insulation system class b, 130? temperature rise, maximum 40? applications ? note book computers, pda? ? dc/dc converters for mother board applications ? battery charging circuits ? emi ?ters ? inductor for general purpose speci?ations subject to change without notice. last update: 03/17/2003.
6-150 model hm75 series ?rated inductance dc rated l w/o dc resistance current part l dc l o (1) max. (4) i rms (2) i sat (3) number ? typical ? ?0% m ? amps amps hm75-10r47 0.47 0.47 7.9 6.0 7.7 hm75-101r0 1.0 1.0 12.5 4.4 5.3 hm75-101r5 1.5 1.6 14.5 4.2 4.5 hm75-102r2 2.2 2.26 24.1 3.1 3.5 hm75-103r3 3.3 3.45 31.8 2.9 3.0 hm75-104r7 4.7 4.85 54.7 2.2 2.6 hm75-106r8 6.8 6.9 57.1 1.7 2.2 hm75-10100 10 10.4 81.3 1.5 1.9 hm75-10150 15 15.3 124 1.2 1.5 hm75-10220 22 23 183 1.0 1.2 hm75-10330 33 33.6 265 0.82 0.99 hm75-10470 47 48.5 334 0.72 0.87 hm75-20r33 0.33 0.33 2.0 16 20 hm75-20r68 0.68 0.80 3.5 12 13 hm75-201r0 1.0 1.1 4.6 10 11 hm75-201r5 1.5 1.5 6.1 9 9 hm75-202r2 2.2 2.3 7.8 7.4 7.8 hm75-202r7 2.7 2.9 10.0 6.6 7.0 hm75-203r3 3.3 3.3 11.0 5.9 6.4 hm75-204r7 4.7 4.8 15.1 4.8 5.4 hm75-20100 10 10.0 35 3.3 4.3 hm75-20150 15 15.43 45 3.1 3.0 hm75-20220 22 22.5 62 2.8 2.0 hm75-20330 33 33.2 92 2.1 1.7 hm75-20470 47 48.7 139 1.7 1.4 hm75-20680 68 68.2 177 1.5 1.2 hm75-20101 100 103 237 1.2 0.95 hm75-30r47 0.47 0.45 2.1 16 25.1 hm75-301r0 1.0 1.34 3.8 12.5 15.3 hm75-301r5 1.5 1.65 4.9 10 12 hm75-302r2 2.2 2.3 5.1 9.2 10.2 hm75-303r3 3.3 3.44 10 8.0 9.3 hm75-304r7 4.7 5.0 11.4 6.5 7.7 hm75-306r8 6.8 6.9 17.8 5.8 6.2 hm75-30100 10 11 22.8 4.3 5.2 hm75-30150 15 16.4 35.0 3.9 4.3 specifications notes: (1) inductance measured at 100 khz, 100 mvrms, oadc. (2) rms current is the approximate current at which inductance will decrease by 10%. from its initial value (zero dc) or the dc current at which ? t = 40?, whichever is lower. (3) saturation current for approximately 30% roll-off. (4) dc resistance measured at 20?.
6 6-151 model hm75 series ?rated inductance dc rated l w/o dc resistance current part l dc l o (1) max. (4) i rms (2) i sat (3) number ? typical ? ?0% m ? amps amps hm75-30220 22 23.9 49.1 3.1 3.7 hm75-30330 33 33.9 69 2.4 3.0 hm75-30470 47 51 108.2 1.9 2.4 hm75-30680 68 69.5 156 1.6 2.0 hm75-30101 100 101.4 205.5 1.4 1.8 hm75-40r47 0.47 0.47 1.7 19.2 51.7 hm75-401r0 1.0 0.92 2.5 17.3 37.3 hm75-401r3 1.3 1.3 3.5 15 25 hm75-402r2 2.2 2.2 4.7 12 20 hm75-403r3 3.3 3.3 8.4 10 17 hm75-403r9 3.9 3.9 7.5 9 15 hm75-404r7 4.7 5.3 9.5 8.5 15 hm75-406r0 6.0 6.0 13.7 7.5 12 hm75-407r8 7.8 7.8 15.4 7.5 11 hm75-40100 10 10.0 22.0 6.0 10 hm75-40150 15 15.6 29.5 5.5 9.1 hm75-40220 22 22.6 34 4.5 7.6 hm75-40330 33 34.5 52 3.7 6.1 hm75-40470 47 48.0 71 3.1 5.2 hm75-40680 68 69.2 104 2.4 4.3 hm75-40101 100 103 156 2.0 3.6 hm75-50r78 0.78 0.78 2.6 15 30 hm75-501r0 1.0 0.92 3.1 17.3 37.3 hm75-501r5 1.5 1.52 4.0 15 28.9 hm75-502r2 2.2 2.27 5.6 12 23.7 hm75-503r3 3.3 3.2 7.0 11 20.0 hm75-503r9 3.9 4.0 10 9 15 hm75-504r7 4.7 4.7 9.5 6.5 10.7 hm75-507r5 7.5 7.5 15 6 9.8 hm75-50100 10 10 40 3.5 8.0 hm75-50150 15 15 50 3.0 7.0 hm75-50220 22 22 66 2.5 5.5 hm75-50330 33 33 80 2.0 4.0 hm75-50470 47 47 110 1.6 3.8 hm75-50680 68 68 170 1.2 3.0 hm75-50101 100 100 220 1.2 2.5 specifications notes: (1) inductance measured at 100 khz, 100 mvrms, oadc. (2) rms current is the approximate current at which inductance will decrease by 10%. from its initial value (zero dc) or the dc current at which ? t = 40?, whichever is lower. (3) saturation current for approximately 30% roll-off. (4) dc resistance measured at 20?.
6-152 model hm75 series a max. b max. c max. d f e .225 5.72 .295 7.49 .283 7.2 .370 9.40 .295 7.49 .137 3.48 .135 3.43 .135 3.43 .150 3.81 .135 3.43 .29 7.37 .410 10.41 .610 15.5 .690 17.53 .410 10.41 .217 5.5 .270 6.90 .283 7.2 .315 8.0 .50 12.7 .240 6.09 .395 10.03 .52 13.21 .60 15.24 .395 10.03 .350 8.89 .530 13.46 .768 19.5 .865 21.97 .530 13.46 case size recommended solder pad layout abcdef 10 20 30 40 50 outline dimensions (inch/mm) packaging standard: embossed tape & reel reel: diameter = 13?(330.2mm) capacity: case size 10 = 1,000 units case size 20 = 550 units case size 30 = 450 units case size 40 = 275 units case size 50 = 250 units hm75 20 101 model series case size inductance code: 1st two digits are significant. last digit denotes number of trailing zeros. values below 10 h "r" denotes decimal point. ordering information


▲Up To Search▲   

 
Price & Availability of HM75-102R2LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X